Part Number Hot Search : 
R6031025 STBN068 AH1627CI HD6321 CEM4487 PER22A AM9G450 P10N60
Product Description
Full Text Search
 

To Download ACE705260BMH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1. 4 1 d escription the ace705 series are cmos - based pfm step - up dc - dc controller with low supply current and high output voltage accura c y. quiescent current drawn from power source is as low as 6ua. it is capable of delivering 500ma output current at 4.0v output with 2v input voltage. only four external components are necessary: an inductor, a schottky diode, an output filter capacitor and a nmosfet or a npn transistor all of these features make ace705 series be suitable for the portable devices, which are suppli ed by a single battery to four - cell batteries. ace705 has a drive pin (ext) for external transistor. so it is possible to load a large output current with a power transistor which has a low saturation voltage. ace705 integrates stable reference circuits an d trimming technology , so it can afford high precision and low temperature - drift coefficient of the output voltage. ace705 is available in sot - 23 - 3 and sot - 23 - 5 packages which are pb free. and in sot - 23 - 5 the device can be switch on or off easily by ce pin , to minimize the standby supply current. features ? deliver 5 00ma at 4.0 v output voltage with 2.0 v input voltage ? the converter output voltage can be adjusted from 2.5v 6.0v(in 0.1v step) ? output voltage accuracy ? 2 ? low temperature - drift coefficient of the output voltage ? 100ppm/ ? only four external components are necessary: an inductor, a schottky diode an output filter capacitor and a nmosfet or a npn transistor ? high power conversion efficiency 90 ? low quiescent current drawn from power source 6 ua applic ation ? power source for pda. dsc. mp3 player. electronic toy and wireless mouse ? power source for a single or dual - cell battery - powered equipments ? power source for led absolute maximum ratings parameter sym b ol max unit input voltage range - 0.3~12 v input voltage v(ext) - 0.3 ~vout+0.3 v ce pin voltage - 0.3 ~vout+0.3 v ext pin output current 0.7 a maximum power dissipation, pd t=25 sot - 23 - 5 sot - 23 - 3 250 250 mw operating junction temperature 125 ambient temper ature - 40 ~ 85 storage temperature range - 40~1 50
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 2 packaging type sot - 23 - 3 sot - 23 - 5 3 5 4 1 2 1 2 3 sot - 23 - 3 sot - 23 - 5 description function 1 4 v ss (gnd) ground pin 2 2 v out output pin, power supply for internal circuits 3 5 ext switching pin 3 nc no connection 1 ce chi p enable pin (active high) ordering information ace 7 0 5 x xx xx + h output voltage : 2.5v / 3.0v
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 3 block diagram ace70 5 re commended work conditions item min nom max unit input voltage range 0.8 vout v inductor 10 100 h input capacitor 0 R 10 f output capacitor 47 220 f ambient t emperature (t a ) - 4 0 85 o c *suggestion: use tantalum type capacitor to reduce the ripple of the output voltage. use 1nf filter ceramic type capacitor to connect vout pin and gnd pin. the filter capacitor is recommended as close as possible to vout pin and gnd pin.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 4 electrical characteristics default condition (unless otherwise provided): vin=0.6xvout, iout=10ma.temperature=25 . use exter nal circuit in test circuit list. parameter symbol test conditions min typ m ax unit output voltage vout 2.45 2.5 2.55 v 2.646 2.7 2.754 2.94 3.0 3.06 3.234 3.3 3.366 3.528 3.6 3.672 3.92 4.0 4.08 4.9 5.0 5.1 5.88 6.0 6.1 2 input voltage vin 12 v input current * (no load) lin iout=0ma, vin=vout*0.6 20 25 ua quiescent current * i dd no external component, vout=voutx1.05 6 15 ua chip leakage current i standby v ce =0v 1 ua ce h: threshold voltage v ceh v ce :0 ? 2v 0. 8 v ce l threshold voltage v cel v ce :2 ? 0v 0.3 v oscillator frequency f osc vout=vout*0.96 test ext pin frequency 350 khz ce h i ceh vout=v ce =6v - 0.5 0 0.5 ua ce l i cel vout=v ce =6v - 0.5 0 0.5 ua ext h output current i exth 3.0v<=vout<=3.9v - 21 ma 4.0 v<=vout<= 4 .9v - 35 5 .0v<=vout<= 6 .9v - 41 ext h output current i extl 3.0v<=vout<=3.9v 23 ma 4.0 v<=vout<= 4 .9v 25 5 .0v<=vout<= 6 .9v 31 oscillator duty cycle duty on(vlx l ) side 70 75 80 % note : 1. diode: schottky type, such as: 1n5817, 1n5819, 1n5822 2. inductor: 27uh(r<0.5) 3. output capacitor: 100uf (tantalum type) 4. vout pin filter capacitor: 1nf (ceramic type) 5. input capacitor: 47uf
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 5 typical application (1) application with external nmosfet vin d 1n5817 vout l 27uh ext out cin ace705 47uf cout rload ce gnd cp 100uf tan off on 1nf fig ure 1 ( 2 ) application wit h external npn transistor ace705 fig ure 2 note: r 1 =330 , c 1 =10nf. (r 1 can be calculated by load. if load is light r 1 s value can be added. if load is heavy r 1 s value can be smaller. ) detailed description the ace705 series are boost structure, voltage - type pulse - frequency modulation(pfm) step - up dc - dc controller. only four external components are necessary: an inductor, a schottky diode, an ou tput filter capacitor and a nmosfet or a npn transistor. the step - up dc - dc converter, constructed by ace705, can be adjusted from 2.5v to 6.0v, 0.1v step. by using the depletion technics, the quiescent current drawn from power source is lower than 8ua. the high efficiency device consists of resistors for output voltage detection and trimming, a start - up voltage circuit, an oscillator, a reference circuit, a pfm control circuit, a switch protection circuit and a driver transistor. ace705 integrates pfm cont rol system. this system controls fixed power switch on duty cycle frequency to stabilize output voltage by calculating results of other blocks which sense input voltage, output voltage, output current and load conditions. in pfm modulation system, the freq uency and pulse width is fixed. the duty cycle is adjusted by skipping pulses, so that switch on - time is changed based on the conditions such as input voltage, output current and load. the oscillate block inside ace705 provides fixed frequency and pulse w idth wave.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 6 the reference circuit provides stable reference voltage to output stable output voltage. because internal trimming technology is used, the chip output change less than 2%. at the same time the problem of temperature - drift coefficient of output voltage is considered in design, so temperature - drift coefficient of output voltage is less than 100ppm/ high - gain differential error amplifier guarantees stable output voltage at difference input voltage and load. in order to reduce ripple and noise, the error amplifier is designed with high band - with. ace705 has a drive pin (ext) for external transistor. so it is possible to load a large output current with a power transistor and a low saturation voltage. at very light load condition, the switch current and quiescent current of chip will effect efficiency certainly. so in very light load condition, the efficiency will drop. therefore, it is recommended that user use ace705 in the condition of load current as large as several tens of ma to several hundreds of ma selection of the external components thus it can be seen, the inductor , s c hottky diode and external nmosfet or npn transistor. affect the conversion efficiency greatly. the inductor and th e capacitor also have great influence on the output voltage ripple of the converter. so it is necessary to choose a suitable inductor, a capacitor, an external nmosfet or npn transistor and a right schottky diode, to obtain high efficiency and low ripple. before discussion we define d vout - vin / vout (1) inductor selection above all, we should define the minimum value of the inductor that can ensure the boost dc - dc to operate in the continuous current - mode condition. lmin R d(1 - d) 2 r l / 2f the above express ion is got under conditions of continuous current mode, neglect schottky diode s voltage, esr of both inductor and capacitor. the actual value is greater that it. if inductor s value is less than lmin the efficiency of dc - dc converter will drop greatly, an d the dc - dc circuit will not be stable. secondly, consider the ripple of the output voltage, i=d ? vin / lf im ax=vin / (1 - d) 2 r l + dvin / 2lf if inductor value is too small, the current ripple through it will be great. then the current through diode an d power switch will be great. because the power switch on chip is not ideal switch, the energy of switch will improve. the efficiency will fall. thirdly in general, smaller inductor values supply more output current while larger values start up with lower input voltage and acquire high efficiency.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 7 an inductor value of 3uh to 1mh works well in most applications. if dc - dc converter delivers large output current (for example: output current is great than 50ma), large inductor value is recommended in order to improve efficiency. if dc - dc must output very large current at low input supply voltage, small inductor value is recommended. the esr of inductor will effect efficiency greatly. suppose esr value of inductor is r l r load is load resistor then the energy can be cal culated by following expression: ?? r l / r load (1 - d) 2 for example: input 1.5v, output is 3.0v, r load =20 , r l =0.5 , the energy loss is 10%. consider all above inductor value of 47uh esr<0.5 is recommend ed in most applications . large value is recommended in high efficiency applications and smaller value is recommended (2) output capacitor selection ignore esr of capacitor the ripple of output voltage is: r = vout / vout=d / r load cf so large value capa citor is needed to reduce ripple. but too large capacitor value will slow down system reaction and cost will improve. so 100uf capacitor is recommended. larger capacitor value will be used in large output current system. if output current is small (<10ma), small value is needed. consider esr of capacitor ripple will increase r'=r+imax ? r esr / vout when current is large, ripple caused by esr will be main factor. it may be greater than 100mv the esr will affects efficiency and increase energy loss. so low - esr capacitor (for example: tantalum ca pacitor) is recommend or connect two or more filter capacitors in parallel. (3) diode selection rectifier diode will affects efficiency greatly though a common diode (such as 1n4148) will work well for light load it will reduce about 5%~10% efficiency for heavy load for optimum performance, a schottky diode (such as 1n5817 1n5819 1n5822) is recommended. (4) input capacitor if supply voltage is stable, the dc - dc circuit can output low ripple, low noise and stable voltage without input capacitor. if voltage s ource is far away from dc - dc circuit, input capacitor value greater than 10uf is recommended.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 8 (5)vout~gnd filter capacitor because the chip s switch current flows from vout pin, then through the chip into gnd pin. therefore if the output capacitor s two pins were not very near the chip s vout pin and gnd pin, vout s stable would be affected. user will found that the output voltage will drop when load grows up if the output capacitor s two pin is not very near the chip s vout pin and gnd pin. in this condition, 1nf ceramic capacitor is recommended at very near the chip s vout pin and gnd pin. so in all ace705 application, two capacitors are needed to obtain stable output voltage . the 100 f tantalum output capacitor is re commended to stable output voltage nearby load. the 1nf vout pin to gnd pin ceramic filter capacitor is recommended to stable chip s sense voltage. test circuits (1) output voltage test circuit ace70 5 fig ure 3 (2) quiescent current test circuit ace70 5 fig ure 4 (3) input current (no load) test circuit ace70 5 fig ure 5
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 9 (4) oscillator freq uency and duty cycle test circuit ace70 5 fig ure 6 extend applications (1) 12v step - up application a ce705 fig ure 7 note: ace705 s output vo ltage is 6v . when the output current is small or no load, the output voltage will be unstable, use the r zd for flowing the bias current through the zener diode. for step - up application, a diode(for example: 1n4148) is needed as starter circuit.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 10 (2) s tep - down application ace705 fig ure 8 note: in step - down application, use starter circuit as above. 2.5v vzener vout. r st is needed for bias current of zener diode. this start er circuit also can be used in high voltage step - up application. (3) flyback step - up/step - down application ace705 fig ure 9 note: in step - down and step - up/step - down application, starter circuit in fig 8 is need. in step - up application, simpler starter circuit in fig 9 can be used.
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 11 typical characteristic (recommended operating conditions: l=10uh, cin=47uf, cout= 100 uf, cp=1nf, topt=25 , unless otherwise noted) 1. output voltage vs. output current 2. output voltage vs. output current ace70 5230bn + output voltage vs. output current ace 70 52 60 bn + output voltage vs. output current iout (ma) iout (ma) 3. efficiency vs. output current 4.efficiency vs. output current ace70 52 30 bn + efficiency vs. output current ace 70 52 6 0bn + efficiency vs. output current iout (ma) iout (ma) 7. ripple vs. output current 8.ripple vs. output current ace70 5230bn + ripple vs. output current ace 70 52 6 0bn + ripple vs. output current iout (ma) iout (ma)
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 12 packing information sot - 23 - 3
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 13 packing information sot - 23 - 5
ace 705 high efficiency, low supply current, step - up dc/dc controller ver 1.4 14 notes ace does not ass ume any responsibility for use as critical components in life support devices or systems without the express written approval of the president and general counsel of ace electronics co., ltd. as sued herein: 1. life support devices or systems are devices or s ystems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and shoes failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a s ignificant injury to the user. 2. a critical component is any component of a life support device o r system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ace technology co., ltd. http://www.ace - ele.com/


▲Up To Search▲   

 
Price & Availability of ACE705260BMH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X